PART |
Description |
Maker |
BDA4601 BDA4601-18 |
6bit Digital Step Attenuator
|
BeRex Corporation
|
BU95408 BU95108BR BU95108SL BU95108BL BU95108SR |
6bit RSDS Source Driver
|
Rohm
|
CX28398-22 CX28398-23 CX28398-24 CX28395-19 CX2839 |
(CX28394 - CX28398) Quad/x16/Octal?T1/E1/J1 Framers (CX28395 / CX28398) Quad/x16/Octal?T1/E1/J1 Framers Quad/x16/Octal-T1/E1/J1 Framers
|
Conexant Systems, Inc
|
L6713 |
3,4 Phase Controller For Intel Vr10,Vr11 And Amd 6Bit Cpus
|
ST Microelectronics, Inc.
|
L6714TR L6714 |
4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
|
STMICROELECTRONICS[STMicroelectronics]
|
MAX16062TG MAX16061TP MAX16060TE MAX16060BTE |
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors 1% Accurate, Quad-/Hex-/Octal-Voltage µP Supervisors
|
MAXIM INTEGRATED PRODUCTS INC
|
DAC8800 DAC8800BR DAC8800FP DAC8800FR DAC8800FS DA |
Octal 8-Bit CMOS D/A Converter Octal 8-Bit D/A Converter
|
AD[Analog Devices]
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|
MAX16001TE MAX16002TC MAX16000 MAX16000TC MAX16001 |
Low-Voltage, Quad-/Hex-/Octal-Voltage 楼矛P Supervisors Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
|
Maxim Integrated Products
|